Part Number Hot Search : 
74162 STD5KB64 SAA5667 AM4431P HC139 SM5807 TIP142 SMDJ40
Product Description
Full Text Search
 

To Download 87267-2450 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 FEATURES AND SPECIFICATIONS
s s s s
Features and Benefits Sizes 8 to 50 circuits Locating peg version standard Optional voided pin version and without peg version Contact Molex for pick-and-place cap or embossed tape
Electrical Voltage: 125V Current: 2.0A Dielectric Withstanding Voltage: 500V Insulation Resistance: 1000 M min. Physical Housing: Black high-temperature nylon, UL 94V-0 Contact: Phosphor Bronze, 0.50mm square Plating: See Table Operating Temperature: -55 to +105C PCB Thickness: 1.60 0.10mm
2.00mm (.079") Pitch Milli-GridTM Header 87267 Vertical SMT
Reference Information Product Specification: PS-87049 Packaging: Tube (contact Molex for embossed tape) UL File No.: E29179 CSA File No.: LR19980-202 Mates With: Milli-Grid 2.00mm Receptacles Designed In: Millimeters
CATALOG DRAWING (FOR REFERENCE ONLY)
ORDERING INFORMATION AND DIMENSIONS
Circuits 8 10 12 14 16 18 20 22 24 26 28 Order No. 15 " Select Gold 30 " Select Gold 87267-0850 87267-0851 87267-1050 87267-1051 87267-1250 87267-1251 87267-1450 87267-1451 87267-1650 87267-1651 87267-1850 87267-1851 87267-2050 87267-2051 87267-2250 87267-2251 87267-2450 87267-2451 87267-2650 87267-2651 87267-2850 87267-2851
w
w
w
.d
ta a
he s
t4 e
.c u
om
Dimension A B 7.90 (.311) 6.00 (.236) 9.90 (.390) 8.00 (.315) 11.90 (.469) 10.00 (.394) 13.90 (.547) 12.00 (.472) 15.90 (.626) 14.00 (.551) 17.90 (.709) 16.00 (.630) 19.90 (.783) 18.00 (.709) 21.90 (.862) 20.00 (.787) 23.90 (.941) 22.00 (.866) 25.90 (1.020) 24.00 (.945) 27.90 (1.098) 26.00 (1.024)
Circuits 30 32 34 36 38 40 42 44 46 48 50
Order No. 15 " Select Gold 30 " Select Gold 87267-3050 87267-3051 87267-3250 87267-3251 87267-3450 87267-3451 87267-3650 87267-3651 87267-3850 87267-3851 87267-4050 87267-4051 87267-4250 87267-4251 87267-4450 87267-4451 87267-4650 87267-4651 87267-4850 87267-4851 87267-5050 87267-5051
Dimension A B 29.90 (1.177) 28.00 (1.102) 31.90 (1.256) 30.00 (1.181) 33.90 (1.335) 32.00 (1.260) 35.90 (1.413) 34.00 (1.339) 37.90 (1.492) 36.00 (1.417) 39.90 (1.571) 38.00 (1.496) 41.90 (1.650) 40.00 (1.575) 43.90 (1.728) 42.00 (1.654) 45.90 (1.807) 44.00 (1.732) 47.90 (1.886) 46.00 (1.811) 49.90 (1.965) 48.00 (1.890)
MX01
A-17
www..com
Dense Packaging
A


▲Up To Search▲   

 
Price & Availability of 87267-2450

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X